PART |
Description |
Maker |
CMLSH2-4LA10 |
SURFACE MOUNT DUAL PAIR, LOW VF SILICON SCHOTTKY DIODES
|
Central Semiconductor Corp
|
DMDT9922 |
PNP DUAL, MATCHED PAIR SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
CMKD7000 |
SURFACE MOUNT ULTRAmini DUAL PAIR OF SERIES CONFIGURED ULTRA-HIGH SPEED SILICON SWITCHING DIODES
|
Central Semiconductor Corp
|
CMXSH2-4LS CMXSH2-4LSBK |
SUPERmini DUAL PAIR, IN-SERIES SURFACE MOUNT LOW VF SCHOTTKY DIODES 0.2 A, 40 V, 4 ELEMENT, SILICON, SIGNAL DIODE 0.2 A, 40 V, 4 ELEMENT, SILICON, SIGNAL DIODE SUPERMINI-6
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
BC847PN_1 BC847PN BC847PN-7-F |
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
http:// DIODES[Diodes Incorporated]
|
SI-3025LUS SI-3033LUS SI-3050LUS SI-3018LUS |
Surface Mount Linear Regulator IC Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
|
ETC[ETC] Sanken electric
|
LS4D28-100-RN LS4D28-270-RN LS4D28-271-RN LS4D28-3 |
Dual N-Channel EPAD Matched Pair MOSFET Array, Vgs= 0.2 V, Enhancement Mode, 8L SOIC, EPAD Enabled 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR, SMD Dual N-Channel EPAD Matched Pair MOSFET Array, Vgs= 0.0 V, 8L PDIP, EPAD Enabled Dual N-Channel EPAD Matched Pair MOSFET Array, Vgs= 0.4 V, Enhancement Mode, 8L PDIP, EPAD Enabled Quad N-Channel EPAD Matched Pair MOSFET Array, Vgs= 1.4 V, 16L SOIC, EPAD Enabled Quad N-Channel EPAD Matched Pair MOSFET Array, Vgs= 1.4 V, 16L PDIP, EPAD Enabled
|
http:// ICE Components, Inc. ICE COMPONENTS INC
|
BAV199 BAV199G-AE3-R BAV199L-AE3-R |
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
|
Unisonic Technologies
|
BAV170-7-F BAV170 |
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
|
http:// Diodes Incorporated
|
DF14-3030SCF DF14-3030SCFA DF14-3031SCF DF14-3031S |
8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Silver Mica Capacitor; Capacitance:43pF; Capacitance Tolerance: 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:No RoHS Compliant: No Single/Dual/Quad, 10MHz Single-Supply Op Amps 1.25mm Pitch Super Low profile Crimping Connector 1.25mm间距超低配置压着连接 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
|